PART |
Description |
Maker |
AQ102BY-M5-06-TRL AQ102BY-C5-06-TRL |
Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
|
Acutechnology Semiconductor
|
AQ431REX-N3-25-BUL AQ431REX-N3-25-TRL AQ431REX-M3- |
2.5V Shunt Ref/Amplifier TO-92 and SOT23 Package
|
Acutechnology Semiconductor
|
5962-8853801V2A 5962-8853801VPA 5962R8853801VPA |
Voltage-Feedback Operational Amplifier Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References 电压反馈运算放大
|
Rubycon, Corp.
|
AQ431LBZ-N3-12-TRL AQ431LBYM3-12-TRL AQ431LBY-N3-1 |
1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
|
http:// Acutechnology Semiconductor
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
2SB718 2SB717 |
LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair with 2SB757 and 2SB758 低频高压放大器互补配SB7572SB758 (2SB717 / 2SB718) LOW FREQUENCY HIGH VOLTAGE AMPLIFIER Complementary pair From old datasheet system
|
Hitachi,Ltd. Hitachi Semiconductor
|
NJM022L NJM022M NJM022D |
Voltage-FeedbackOperationalAmplifier
Voltage-Feedback Operational Amplifier Dual Low Power Opertional Amplifier(双路低功耗运算放大器(转换速率05V/μs)) 双低功Opertional放大器(双路低功耗运算放大器(转换速率05V/μs))
|
New Japan Radio Co., Ltd.
|
MAX4473 MAX4473ESA MAX4473EUA |
Low-Cost / Low-Voltage / PA Power Control Amplifier for GSM Applications in 8-Pin MAX Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin レMAX Low-Cost Low-Voltage PA Power Control Amplifier for GSM Applications in 8-Pin MAX Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin MAX Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin μMAX
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
NJU7094 NJU7095 NJU7096 NJU709XD NJU709XM NJU709XR |
LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER 3-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
2SC1815L 2SC1815 E000671 |
TRANSISTOR (AUDIO FREQUENCY VOLTAGE/ LOW NOISE AMPLIFIER APPLICATIONS) From old datasheet system AUDIO FREQUENCY VOLTAGE AMPLIFIER APPLICATIONS LOW NOISE AMPLIFIER APPLICATIONS TRANSISTOR (AUDIO FREQUENCY VOLTAGE, LOW NOISE AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
C9329 |
Photosensor amplifier Digital output function, current-to-voltage conversion amplifier for amplifying very slight photocurrent with low noise
|
Hamamatsu Photonics
|
2SC4853A |
Low-Voltage, Low-Current High-Frequency Amplifier Applications
|
Sanyo Semicon Device
|